PART |
Description |
Maker |
PIC18F1330 |
High-Performance Microcontrollers with 10-bit A/D and nanoWatt Technology 8-bit PIC庐 Microcontrollers
|
Microchip Technology Microchip Technology, Inc.
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
MB89589B MB89585BW MB89585B MB89583BW MB89583B E71 |
F2MC-8L/Low Power/Low Voltage Microcontrollers Micro controller 8-Bit Proprietary F2MC-8L Family Internal USB Product From old datasheet system 8-bit Proprietary Microcontrollers
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
SAB-80C537-16-N-T40/85 SAB80C537-16-N SAB80C537-16 |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16 MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (12MHz)
|
Infineon
|
MC68HC711P2CFS3 MC68HC711P2CFS4 MC68HC11P2BCFN4 |
Microcontrollers 8-BIT, UVPROM, 4 MHz, MICROCONTROLLER, CQCC84 Microcontrollers 8-BIT, MROM, 4 MHz, MICROCONTROLLER, PQCC84
|
Motorola, Inc. Motorola Mobility Holdings, Inc. Linear Technology, Corp.
|
LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC 单芯6-bit/32-bit微控制器; 8 kB/16 kB/32具有ISP /联合会,快速端口和10位ADC kB闪存
|
NXP Semiconductors N.V.
|
S3C8274 S3F8274 S3F8278 |
(S3F827x) 8-BIT CMOS MICROCONTROLLERS (S3C827x) 8-BIT CMOS MICROCONTROLLERS
|
Samsung semiconductor
|
PIC24HJ128GP206A PIC24HJ128GP310A PIC24HJ128GP210A |
16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog 16-bit Microcontrollers with Advanced Analog
|
Microchip Technology
|
8051AH 8751H 8752BH P8032AH 6051AHP TP8052AH TN805 |
8-Bit control-oriented microcontroller. Commercial. (P80xxAH) MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS MCS 51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS 8-bit control-oriented microcontroller with burn-in
|
INTEL[Intel Corporation]
|
LPC2387FBD100 LPC2387 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
LPC2378FBD144 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|